Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 180 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 180 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 176Page - STMicroelectronics ST7MC1K2 Datasheet HTML 177Page - STMicroelectronics ST7MC1K2 Datasheet HTML 178Page - STMicroelectronics ST7MC1K2 Datasheet HTML 179Page - STMicroelectronics ST7MC1K2 Datasheet HTML 180Page - STMicroelectronics ST7MC1K2 Datasheet HTML 181Page - STMicroelectronics ST7MC1K2 Datasheet HTML 182Page - STMicroelectronics ST7MC1K2 Datasheet HTML 183Page - STMicroelectronics ST7MC1K2 Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
180/371
10.6
Motor controller (MTC)
10.6.1
Introduction
The ST7 motor controller (MTC) can be seen as a three-phase pulse width modulator
multiplexed on six output channels and a back electromotive force (BEMF) zero-crossing
detector for sensorless control of permanent magnet direct current (PM BLDC) brushless
motors.
The MTC is particularly suited to driving brushless motors (either induction or permanent
magnet types) and supports operating modes like:
●
Commutation step control with motor voltage regulation and current limitation
●
Commutation step control with motor current regulation, that is, direct torque control
●
Position sensor or sensorless motor phase commutation control (six-step mode)
●
BEMF zero-crossing detection with high sensitivity. The integrated phase voltage
comparator is directly referred to the full BEMF voltage without any attenuation. A
BEMF voltage down to 200mV can be detected, providing high noise immunity and
self-commutated operation in a large speed range.
●
Realtime motor winding demagnetization detection for fine-tuning the phase voltage
masking time to be applied before BEMF monitoring.
●
Automatic and programmable delay between BEMF zero-crossing detection and motor
phase commutation.
●
PWM generation for three-phase sinewave or three-channel independent PWM
signals.
Table 80.
MTC functional blocks
Section
Page
Input detection block
189
Input pins
189
Sensorless mode
192
D event detection
193
Z event detection
195
Demagnetization (D) event
197
Z event generation (BEMF zero crossing)
200
Protection for ZH event detection
201
Position sensor mode
202
Sampling block
203
Commutation noise filter
206
Speed sensor mode
208
Tachogenerator mode
209
Encoder mode
210
Summary
211
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com