Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 186 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 186 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 182Page - STMicroelectronics ST7MC1K2 Datasheet HTML 183Page - STMicroelectronics ST7MC1K2 Datasheet HTML 184Page - STMicroelectronics ST7MC1K2 Datasheet HTML 185Page - STMicroelectronics ST7MC1K2 Datasheet HTML 186Page - STMicroelectronics ST7MC1K2 Datasheet HTML 187Page - STMicroelectronics ST7MC1K2 Datasheet HTML 188Page - STMicroelectronics ST7MC1K2 Datasheet HTML 189Page - STMicroelectronics ST7MC1K2 Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
186/371
All detections of Zn events are done during a short measurement window while the high side switch is
turned off. For this reason the PWM signal is applied on the high side switches.
When the high side switch is off, the high side winding is tied to 0V by the free-wheeling diode, the low
side winding voltage is also held at 0V by the low side ON switch and the complete BEMF voltage is
present on the third winding: detection is then possible.
For a detailed description of the MTC registers, see Section 10.6.13: MTC registers.
10.6.4
Application example: AC induction motor drive
Although the command sequence is rather different between a PM BLDC and an AC three-phase
induction motor, the motor controller can be configured to generate three-phase sinusoidal voltages.
A timer with three independent PWM channels is available for this purpose. Based on each of the PWM
reference signal, two complemented PWM signals with deadtime are generated on the output pins (6 in
total), to drive directly an inverter with triple half bridge topology.
The variable voltage levels to be applied on the motor terminals come from continuously varying duty
cycle, from one PWM period to the other (refer to Figure 76 on page 187). The PWM counter generates a
dedicated update event (U event) which:
●
updates automatically the compare registers setting the duty cycle to avoid time critical issues and
ensure glitchless PWM operation
●
generates a dedicated U interrupt in which the values for the next coming update event are loaded in
compare preload registers
Table 82.
Step configuration summary
Configuration
Step
Σ
1
Σ
2
Σ
3
Σ
4
Σ
5
Σ
6
Phase state
register
Current direction
A to B
A to C
B to C
B to A
C to A
C to B
High side
T0
T0
T2
T2
T4
T4
Low side
T3
T5
T5
T1
T1
T3
OO[5:0] bits in MPHST register
001001 100001 100100 000110 010010 011000
BEMF input
Measurement done on
MCIC
MCIB
MCIA
MCIC
MCIB
MCIA
IS[1:0] bits in MPHST register
10
01
00
10
01
00
BEMF edge
Back EMF shape
Falling
Rising
Falling
Rising
Falling
Rising
CPB bit in MCRB register (ZVD bit = 0)
0
1
0
1
0
1
Hardware or
hardware-
simulated
demagnetization
Voltage on measured point at the start of
demagnetization
0V
HV
0V
HV
0V
HV
HDM-SDM bits in MCRB register
10
11
10
11
10
11
Demagnetization
switch
PWM side selection to accelerate
demagnetization
Low
side
High
side
Low
side
High
side
Low
side
High
side
Driver selection to accelerate
demagnetization
T3
T0
T5
T2
T1
T4
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com