Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 327 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 327 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 323Page - STMicroelectronics ST7MC1K2 Datasheet HTML 324Page - STMicroelectronics ST7MC1K2 Datasheet HTML 325Page - STMicroelectronics ST7MC1K2 Datasheet HTML 326Page - STMicroelectronics ST7MC1K2 Datasheet HTML 327Page - STMicroelectronics ST7MC1K2 Datasheet HTML 328Page - STMicroelectronics ST7MC1K2 Datasheet HTML 329Page - STMicroelectronics ST7MC1K2 Datasheet HTML 330Page - STMicroelectronics ST7MC1K2 Datasheet HTML 331Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Electrical characteristics
327/371
12.7.2
Electro magnetic interference (EMI)
Based on a simple application running on the product (toggling two LEDs through the I/O ports), the
product is monitored in terms of emission. This emission test is in line with the norm SAE J 1752/3 which
specifies the board and the loading of each pin.
12.7.3
Absolute maximum ratings (electrical sensitivity)
Based on three different tests (ESD, LU and DLU) using specific measurement methods, the product is
stressed in order to determine its performance in terms of electrical sensitivity. For more details, refer to
the application note AN1181.
Electro-static discharge (ESD)
Electro-Static Discharges (a positive then a negative pulse separated by 1 second) are applied to the
pins of each sample according to each pin combination. The sample size depends on the number of
supply pins in the device (3 parts*(n+1) supply pin). Three models can be simulated: Human body model,
Machine model and Charged device model. This test conforms to the JESD22-A114A/A115A/C101-A
standard.
Table 206.
EMI emission(1)(2)
Symbol Parameter
Conditions
Device/package
Monitored
frequency band
Max vs. [fOSC/fCPU]
Unit
8/4 MHz
16/8 MHz
SEMI
Peak level
VDD -5V, TA = +25°C,
conforming to
SAE J 1752/3
Flash/LQFP64
0.1 MHz to 30 MHz
8
6
dBµV
30 MHz to 130 MHz
8
12
130MHz to 1GHz
1
9
SAE EMI Level
1.5
2.5
-
1.
Data based on characterization results, not tested in production.
2.
Refer to Application Note AN1709 for data on other package types.
Table 207.
ESD absolute maximum ratings
Symbol
Ratings
Conditions
Maximum value(1)
1.
Data based on characterization results, not tested in production.
Unit
VESD(HBM)
Electro-static discharge voltage
(Human body model)
TA = +25°C
2000
V
VESD(MM)
Electro-static discharge voltage
(Machine model)
TA = +25°C
200
VESD(CDM)
Electro-static discharge voltage
(Charged device model)
TA = +25°C
250
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com