Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 334 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 334 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 330Page - STMicroelectronics ST7MC1K2 Datasheet HTML 331Page - STMicroelectronics ST7MC1K2 Datasheet HTML 332Page - STMicroelectronics ST7MC1K2 Datasheet HTML 333Page - STMicroelectronics ST7MC1K2 Datasheet HTML 334Page - STMicroelectronics ST7MC1K2 Datasheet HTML 335Page - STMicroelectronics ST7MC1K2 Datasheet HTML 336Page - STMicroelectronics ST7MC1K2 Datasheet HTML 337Page - STMicroelectronics ST7MC1K2 Datasheet HTML 338Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
334/371
Figure 146. RESET pin protection when LVD is disabled(1)
1.
- The reset network protects the device against parasitic resets.
- The output of the external reset circuit must have an open-drain output to drive the ST7 reset pad. Otherwise the device
can be damaged when the ST7 generates an internal reset (LVD, illegal opcode or watchdog).
- Whatever the reset source is (internal or external), the user must ensure that the level on the RESET pin can go below the
VIL max. level specified in Section 12.9.1: Asynchronous RESET pin on page 332. Otherwise the reset is not taken into
account internally.
- Because the reset circuit is designed to allow the internal RESET to be output in the RESET pin, the user must ensure
that the current sunk on the RESET pin is less than the absolute maximum value specified for IINJ(RESET) in Section 12.2.2:
Current characteristics on page 314.
2.
Please refer to Section 11.2.2: Illegal opcode reset on page 309 for more details on illegal opcode reset conditions
12.9.2
ICCSEL/VPP pin
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Figure 147. Two typical applications with VPP pin
(1)
1.
When the ICC mode is not required by the application, the ICCSEL/VPP pin must be tied to VSS.
Table 212.
ICCSEL/VPP pin
Symbol
Parameter
Conditions
Min
Max
Unit
VIL
Input low level voltage(1)
1.
Data based on design simulation and/or technology characteristics, not tested in production.
VSS
0.2
V
VIH
Input high level voltage(1)(2)
2. VPP is also used to program the Flash (refer to the Flash characteristics).
ICC mode entry
VDD - 0.1
12.6
IL
Input leakage current
VIN =VSS
±1
µA
0.01µF
external
reset
circuit
User
Required
Pulse
generator
Filter
RON
VDD
Watchdog
Internal
reset
Illegal opcode(2)
ST7MC1K2-Auto
ST7MC1K6-Auto
ST7MC2S4-Auto
ST7MC2S6-Auto
ICCSEL/VPP
10k
Ω
Programming
tool
VPP
ST7MC1K2-Auto
ST7MC1K6-Auto
ST7MC2S4-Auto
ST7MC2S6-Auto
ST7MC1K2-Auto
ST7MC1K6-Auto
ST7MC2S4-Auto
ST7MC2S6-Auto
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com