Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 174 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 174 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 170Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 171Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 172Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 173Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 174Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 175Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 176Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 177Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
174/371
SCI control register 3 (SCICR3)
SCICR3
Reset value: 0000 0000 (00h)
7
654
32
10
LDUM
LINE, LSLV
LASE
LHDM
LHIE
LHDF
LSF
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 71.
SCICR3 register description
Bit
Name
Function
7
LDUM
LIN divider update method
This bit is set and cleared by software and is also cleared by hardware (when
RDRF = 1). It is only used in LIN slave mode. It determines how the LIN divider
can be updated by software.
0: LDIV is updated as soon as LPR is written
(if no auto synchronization update occurs at the same time)
1: LDIV is updated at the next received character (when RDRF = 1)
after a write to the LPR register
Notes:
- If no write to LPR is performed between the setting of LDUM bit and the
reception of the next character, LDIV is updated with the old value.
- After LDUM has been set, it is possible to reset the LDUM bit by software.
In this case, LDIV can be modified by writing into LPR/LPFR registers.
6:5 LINE, LSLV
LIN mode enable bits
These bits configure the LIN mode:
0x: LIN mode disabled
10: LIN master mode
11: LIN slave mode
The LIN master configuration enables the cabability to send LIN synch breaks
(13 low bits) using the SBK bit in the SCICR2 register.
The LIN slave configuration enables:
The LIN slave baud rate generator. The LIN divider (LDIV) is then represented by
the LPR and LPFR registers. The LPR and LPFR registers are read/write
accessible at the address of the SCIBRR register and the address of the
SCIETPR register.
Management of LIN headers
LIN synch break detection (11-bit dominant)
LIN wake-up method (see LHDM bit) instead of the normal SCI wake-up method
Inhibition of break transmission capability (SBK has no effect)
LIN parity checking (in conjunction with the PCE bit)
4
LASE
LIN auto synch enable
This bit enables the auto synch unit (ASU). It is set and cleared by software. It is
only usable in LIN slave mode.
0: Auto synch unit disabled
1: Auto synch unit enabled
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com