Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 175 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 175 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 171Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 172Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 173Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 174Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 175Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 176Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 177Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 178Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
175/371
Figure 73.
LSF bit set and clear
3LHDM
LIN header detection method
This bit is set and cleared by software. It is only usable in LIN slave mode. It
enables the header detection method. In addition if the RWU bit in the SCICR2
register is set, the LHDM bit selects the wake-up method (replacing the WAKE
bit).
0: LIN synch break detection method
1: LIN identifier field detection method
2LHIE
LIN header interrupt enable
This bit is set and cleared by software. It is only usable in LIN slave mode.
0: LIN header interrupt is inhibited
1: An SCI interrupt is generated whenever LHDF = 1
1
LHDF
LIN header detection flag
This bit is set by hardware when a LIN header is detected and cleared by a
software sequence (an access to the SCISR register followed by a read of the
SCICR3 register). It is only usable in LIN slave mode.
0: No LIN header detected
1: LIN header detected
Note: The header detection method depends on the LHDM bit:
- If LHDM = 0, a header is detected as a LIN synch break
- If LHDM = 1, a header is detected as a LIN Identifier, meaning that a LIN synch
break field + a LIN synch field + a LIN identifier field have been consecutively
received.
0LSF
LIN synch field state
This bit indicates that the LIN synch field is being analyzed. It is only used in LIN
slave mode. In auto synchronization mode (LASE bit = 1), when the SCI is in the
LIN synch field state it waits or counts the falling edges on the RDI line.
It is set by hardware as soon as a LIN synch break is detected and cleared by
hardware when the LIN synch field analysis is finished (see Figure 73). This bit
can also be cleared by software to exit LIN Synch state and return to idle mode.
0: The current character is not the LIN synch field
1: LIN synch field state (LIN synch field undergoing analysis)
Table 71.
SCICR3 register description (continued)
Bit
Name
Function
LIN synch
LIN synch
Identifier
Parity bits
field
field
break
11 dominant bits
LSF bit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com