Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 209 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 209 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 205Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 206Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 207Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 208Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 209Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 210Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 211Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 212Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 213Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
209/371
Tachogenerator mode (IS[1:0] = 00, 01 or 10)
Any of the MCIx input pins can be used as a tachogenerator input, with a digital signal (externally
amplified for instance); the two remaining pins can be used as standard I/O ports.
A digital multiplexer connects the chosen MCIx input to an edge detection block. Input selection is done
with the IS[1:0] bits in the MPHST register.
An edge selection block is used to select one of three ways to trigger capture events: rising edge, falling
edge or both rising and falling edge sensitive; set-up is done with the TES[1:0] bits (keeping in mind that
TES[1:0] = 00 configuration is reserved for position sensor/
sensorless modes).
Having only one edge selected eliminates any incoming signal dissymmetry, which may due to pole-to-
pole magnet dissymmetry or from a comparator threshold with low level signals.
Figure 91 presents the signals generated internally with different tacho input and TES bit settings.
Hall sensors
This configuration is also suitable for motors using three hall sensors for position detection and not driven
in six-step mode (refer to Speed measurement mode on page 227).
Initializing the input stage
As the IS[1:0] bits in the MPHST register are preload bits (new values taken into account at C event), the
initialization value of the IS[1:0] bits has to be entered in direct access mode. This is done by setting the
DAC bit in the MCRA register during the speed sensor input initialization routine.
Figure 89.
Input stage in speed sensor mode (TES[1:0] bits = 01, 10, 11)
1.
According to IS[1:0] bits setting.
Inputn sel
MCIC
MCIA
MCIB
00
01
10
Input block
Input comparator block
Event detection
MPHST register
In1
Clk
Encoder clock
encoder
interface
Incremental
Direction
In2
Tacho1) or encoder
D
or
or
EDIR bit
Tacho capture
TES[1:0]
MPAR register
MCRC register
IS[1:0]
Tacho1) or encoder
Tacho1) or free I/O
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com