Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 212 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 212 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 208Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 209Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 210Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 211Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 212Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 213Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 214Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 215Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 216Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
212/371
Note on using the three MCIx pins as standard I/Os: When none of the MCIx pins are needed in the
application (for instance when driving an induction motor in open loop), they can be used as standard I/O
ports, by configuring the motor controller as follows: PCN = 1, TES
≠ 0 and IS = 11. This disables the
MCIx alternate functions and switches off the phase comparator. The state of the MCIx pins is
summarized in Table 94 on page 212.
Table 94.
MCIx pin configuration summary(1)
1.
When PCN = 0, TES = 0 SR = 0, inputs in OFF-state are put in HiZ or grounded depending on the value of the DISS bit in
the MSCR register.
PCN
TES
SR IS[1:0]
MCIA
MCIB
MCIC
Input detection
block mode
Comments
0
00
0
00
Analog
input(2)
2.
Analog input: based on analog comparator and analog voltage reference. The corresponding digital I/O is disabled and
data in the DR register is not representative of data on the input.
Hi-Z or
GND
Hi-Z or
GND
Sensorless
All MCIx pins are reserved for
the MTC peripheral.
01
Hi-Z or
GND
Analog
input(2)
Hi-Z or
GND
10
Hi-Z or
GND
Hi-Z or
GND
Analog
input(2)
11
NA
NA
NA
NA
1
00
Analog
input(2)
Standard
I/O
Standard
I/O
Position sensor
From 1 to 3 MCIx pins reserved
depending on sensor
01
Standard
I/O
Analog
input(2)
Standard
I/O
10
Standard
I/O
Standard
I/O
Analog
input(2)
11
Standard
I/O
Standard
I/O
Standard
I/O
-
All MCIx pins are standard I/Os.
Phase comparator is OFF
≠ 0
x
xx
NA
NA
NA
NA
1
00
x
00
Analog
input(2)
Standard
I/O
Standard
I/O
-
Phase comparator is ON. The
IS[1:0] bits must not be modified
to avoid spurious event detection
in motor controller
01
Standard
I/O
Analog
input(2)
Standard
I/O
10
Standard
I/O
Standard
I/O
Analog
input(2)
11
Standard
I/O
Standard
I/O
Standard
I/O
-
All MCIx pins are standard I/Os.
Recommended configuration:
phase comparator OFF
≠ 00
x
00
Digital
input(3)
3.
Digital input: use of standard VIL, VIH I/O level. This input can also be read via the associated I/O port.
Standard
I/O
Standard
I/O
Speed sensor
tachogenerator
Phase comparator is OFF
01
Standard
I/O
Digital
input(3)
Standard
I/O
10
Standard
I/O
Standard
I/O
Digital
input(3)
11
Digital
input(3)
Digital
input(3)
Standard
I/O
Speed sensor
encoder
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com