Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 257 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 257 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 253Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 254Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 255Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 256Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 257Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 258Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 259Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 260Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 261Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
257/371
Figure 122. Comparison between 12-bit and 8-bit PWM mode
Repetition down-counter
Both in center-aligned and edge-aligned modes, the four compare registers (one compare 0
and three for the U, V and W phases) are updated when the PWM counter underflow or
overflow and the 8-bit repetition down-counter has reached zero.
This means that data are transferred from the preload compare registers to the compare
registers every N cycles of the PWM Counter, where N is the value of the 8-bit repetition
register in edge -aligned mode. When using center-aligned mode, the repetition down-
counter is decremented every time the PWM counter overflows or underflows. Although this
limits the maximum number of repetition to 128 PWM cycles, this makes it possible to
update the duty cycle twice per PWM period. As a result, the effective PWM resolution in
that case is equal to the resolution we can get using edge-aligned mode, that is, one Tmtc
period. When refreshing compare registers only once per PWM period in center-aligned
mode, maximum resolution is 2xTmtc, due to the symmetry of the pattern.
The repetition down counter is an auto-reload type; the repetition rate is maintained as
defined by the MREP register value (refer to Figure 123).
PWM interrupt generation
A PWM interrupt is generated synchronously with the ‘U’ update event, which allows to
refresh compare values by software before the next update event. As a result, the refresh
rate for phases duty cycles is directly linked to MREP register setting.
A signal reflecting the update events may be output on a standard I/O port for debugging
purposes. Refer to Debug option on page 219 for more details.
Ov
b0
b7
MCMP0H
b0
b7
MCMP0L
b0
b7
MCMPxH
b0
b7
MCMPxL
Ext
b0
b7
MCMP0H
b0
b7
MCMP0L
b0
b7
MCMPxH
b0
b7
MCMPxL
MPCR
12-bit PWM mode
(PMS bit = 0)
b0
b7
Ov
Ov
Ov
Ext
Bit not available
Bit extending comparison range
Equivalent bit location
PWM frequency set-up
Phase x duty cycle set-up
PWM frequency set-up
Phase x duty cycle set-up
fV fW
fU
8-bit PWM mode
(PMS bit = 1)
fX
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com