Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 253 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 253 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 249Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 250Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 251Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 252Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 253Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 254Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 255Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 256Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 257Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
253/371
Figure 118. PWM generator block diagram
Functional description
The three PWM signals are generated using a free-running 12-bit PWM counter and three 13-bit
compare registers for phase U, V and W: MCMPU, MCMPV and MCMPW registers respectively.
A fourth 12-bit register is needed to set-up the PWM carrier frequency: MCMP0 register.
Each of these compare registers is buffered with a preload register. Transfer from preload to active
registers is done synchronously with PWM counter underflow or overflow depending on configuration.
This allows compare values to be written without risks of spurious PWM transitions.
The block diagram of the PWM generator is shown in Figure 118.
Prescaler
The 12-bit PWM counter clock is supplied through a 3-bit prescaler to allow the generation of lower PWM
carrier frequencies. It divides Fmtc by 1, 2, 3, ..., 8 to get Fmtc-pwm.
This prescaler is accessed through three bits PCP[2:0] in MPCR register; this register is buffered: the
new value is taken into account after a PWM update event.
MREP register
12-bit compare 0 register
12-bit PWM counter
13-bit compare W register
up to 16MHz
CMS bit
13-bit compare U register
13-bit compare V register
U
U
U
U
Clear up/down
Prescaler
PCP[2:0] bits
U
Reg
U
event
Update of compare registers PWM
Notes
Preload registers transferred to
active registers on U event
Fmtc
MPCR register
MPCR register
interrupt generation
Repetition
counter
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com