Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 249 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 249 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 245Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 246Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 247Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 248Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 249Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 250Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 251Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 252Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 253Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
249/371
Warning:
Grouping channels by pairs imposes the external
connections between the MCO outputs and power devices;
the user must therefore pay attention to respect the
‘recommended schematics’ described in Figure 124 on
page 289 and Figure 125 on page 290.
Note:
As soon as the channels are grouped in pairs, special care has to be taken in configuring
the MPAR register for a PM BLDC drive. If both channels of the same pair are both labelled
‘high’ for example and if the PWM is applied on high channels, the active MCO output x
(OOx = 1 bit in the MPHST register) outputs PWM and the paired MCO output x + 1
(OOx + 1bit in the MPHST register) outputs PWM and vice versa.
Caution:
When PCN = 0 and a complementary PWM is applied (DTE = 1) on one channel of a pair, if
both channels are active, this corresponds in output to both channels OFF. This is for
security purposes to avoid cross-conduction.
Caution:
To clear the DTE bit from reset state of MDTG register (FFh), the PCN bit must be cleared
before.
Table 111.
Deadtime generator outputs
PCN = 0; DTE = 1; x = 0, 2, 4
On/Off x (OOx bit)
On/Off x+1 (OOx+1 bit)
MCOx output
MCOx + 1 output
01 (PWM(1))
1.
PWM generation enabled.
PWM
PWM
1 (PWM(1))0
PWM
PWM
11 (PWM(1))0
0
1 (PWM(1))1
0
0
10
1
0
01
0
1
00
0
0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com