Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 248 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 248 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 244Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 245Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 246Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 247Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 248Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 249Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 250Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 251Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 252Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
248/371
Figure 115. Channel manager output block diagram with PWM generator delivering three PWM
signals
1.
The output of the current limitation comparator can be used when three PWM signals are enabled if the VOC1 bit = 0 in the
MCRA register.
If the PCN bit is reset, one of the three PWM signals (the one set by the compare U register pair) or the
output of the measurement window generator (depending on if the driving mode is voltage or current) is
used to provide six-step signals through the PWM manager (to drive a PM BLDC motor for instance).
In that case, DTE behaves like a standard bit (with multiple write capability). When the deadtime
generator is enabled (bit DTE = 1), the following restrictions are applied:
●
Channels are now grouped by pairs: channel[0:1], channel[2:3], channel[4:5]; a deadtime generator
is allocated to each of these pairs (see cautions below).
●
The input signal of the deadtime generator is the active output of the PWM manager for the
corresponding channel. For instance, if we consider the channel[0:1] pair, it may be either channel 0
or channel 1.
●
When both channels of a pair are inactive, the corresponding outputs also stay inactive (this is
mandatory to allow BEMF zero-crossing detection).
These restrictions are summarized in Table 111, which also summarizes the functionality of the deadtime
generator when the PCN bit is reset. 1 (PWM) means that the corresponding channel is active (1 in the
corresponding bit in the MPHST register), and a PWM signal is applied on it (using the MPAR register
and the OS[2:0] bits in MCRB register). PWM represents the complementary signals (although the duty
cycle is slightly different due to deadtime insertion). 0 means that the channel is inactive and 1 means
that the channel is active and a logic level 1 is applied on it (no PWM signal).
Dead
time
8
MDTG register
U
V
W
PWM generator signals
PCN bit = 1
OP[5:0] bits
MOE bit
x6
x6
6
1
MPOL register
MRCA register
Channel [1:0]
Channel [3:2]
Channel [5:4]
2
High frequency chopper
HFE[1:0] bits
HFRQ[2:0] bits
MREF register
5
CLI bit
CLIM bit
OCV bit
1
1
1
Dead
time
Dead
time
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com