Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 247 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 247 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 243Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 244Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 245Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 246Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 247Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 248Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 249Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 250Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 251Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
247/371
The deadtime delay is the same for each of the channels and is programmable with the
DTG[5..0] bits in the MDTG register.
The resolution is variable and depends on the DTG5 and DTG4 bits. Table 110 summarizes
the set-up of the deadtime generator.
ITmtc is the period of the deadtime generator input clock (Fmtc = 16 MHz in most cases, not
affected by the XT16:XT8 prescaler bits in the MCONF register).
For safety reasons, and since the deadtime depends only on external component
characteristics (level-shifter delay, power components switching duration, etc.), the register
used to set-up deadtime duration can be written only once after the MCU reset. This
prevents a corrupted program counter modifying this system critical set-up, which may
cause excessive power dissipation or destructive shoot-through in the power stage half
bridges.
When using the three independent U, V and W PWM signals (PCN bit set) (see Figure 115)
to drive the MCOx outputs, deadtime is added as shown in Figure 112.
The deadtime generator is enabled/disabled using the DTE bit.
The effect of the DTE bit depends on the PCN bit value.
If the PCN bit is set:
●
DTE is read only. To reset it, first reset the PCN bit, then reset DTE and set PCN to 1
again.
●
If DTE = 0, the high and low side outputs are simply complemented (no deadtime
insertion, DTG[5:0] bits are not significant); this is to allow the use of an external
deadtime generator.
Note:
The reset value of the MDTG register is FFh so when configuring the deadtime, it is
mandatory to follow one the two following sequences:
1.
To use deadtimes while the PCN bit is set; from reset state write the MDTG value at
once. The DTE bit is read back as 1 whatever the programming value (read only if
PCN = 1)
2.
To use deadtimes while the PCN bit is reset, write first the deadtime value in DTG[5:0],
then reset the PCN bit, or do both actions at the same time.
Table 110.
Deadtime programming and example
DTG5 DTG4
Tdtg
Deadtime
expression
Deadtime
value
Tdtg
@16MHz fmtc
Deadtime
range
@ 16 MHz fmtc
0X
2xTmtc (DTG[4..0]+1) x Tdtg
From 1 to 32 Tdtg
125ns
0.125µs to 4µs
10
4xTmtc
(DTG[3..0]+17) x Tdtg From 17 to 32 Tdtg
250ns
4.25µs to 8µs
11
8xTmtc
500ns
8.5µs to 16µs
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com