Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 250 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 250 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 246Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 247Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 248Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 249Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 250Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 251Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 252Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 253Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 254Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
250/371
Figure 116. Channel manager output block diagram with PWM generator delivering 1 PWM signal
1.
Preload register, changes taken into account at next C event.
Dead
time
8
MDTG register
Ch0
Ch1
Ch2
Ch3
Ch4
Ch5
PCN bit = 0
OP[5:0] bits
MOE bit
x6
x6
6
1
MPOL register
MCRA register
Channel [1:0]
Channel [3:2]
Channel [5:4]
Phasen register(1)
PWM generator U channel
Sampling frequency
V
I
S
Q
R
V
I
High frequency chopper
OE[5:0] bits
6
MPAR register
6
2
HFE[1:0] bits
HFRQ[2:0] bits
MREF register
5
Current comparator output
CLI bit
CLIM bit
OCV bit
1
1
1
OFF time
Sensorless sensor
Sampling
clock
‘1’
Dead
time
Dead
time
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com