Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 252 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 252 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 248Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 249Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 250Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 251Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 252Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 253Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 254Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 255Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 256Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
252/371
Figure 117. Complementary PWM signals with chopping frequency on high and low side drivers
10.6.10
PWM generator block
The PWM generator block produces three independent PWM signals based on a single carrier frequency
with individually adjustable duty cycles.
Depending on the motor driving method, one or three of these signals may be redirected to the other
functional blocks of the motor control peripheral, using the PCN bit in the MDTG register.
When driving PM BLDC motors in six-step mode (voltage mode only, either sensored or sensorless) a
single PWM signal (phase U) is used to supply the input stage, PWM and channel manager blocks
according to the selected modes.
For other kind of motors requiring independent PWM control for each of the three phases, all PWM
signals (phases U, V and W) are directed to the channel manager, in which deadtime or a high frequency
carrier may be added. This is the case of AC induction motors or PMAC motors for instance, supplied
with 120° shifted sinewaves in voltage mode.
Main features
●
12-bit PWM free-running up/down counter with up to 16 MHz input clock (Fmtc)
●
Edge-aligned and center-aligned PWM operating modes
●
Possibility to reload compare registers twice per PWM period in center-aligned mode
●
Full-scale PWM generation
●
PWM update interrupt generation
●
8-bit repetition counter
●
8-bit PWM mode
●
Timer resynchronization feature
Reference input signal
Output A
Output B
Delay
Delay
5V
5V
5V
0V
0V
0V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com