Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 263 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 263 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 259Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 260Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 261Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 262Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 263Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 264Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 265Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 266Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 267Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
263/371
Interrupt mask register (MIMR)
MIMR
Reset value: 0000 0000 (00h)
7
654
32
10
PUM
SEM
RIM
CLIM
EIM
ZIM
DIM
CIM
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 124.
MIMR register description
Bit Name
Function
7
PUM
PWM update mask bit
0: PWM update interrupt disabled
1: PWM update interrupt enabled
6
SEM
Speed error mask bit
0: Speed error interrupt disabled
1: Speed error interrupt enabled
5RIM
Ratio update interrupt mask bit
0: Ratio update interrupts (R+ and R-) disabled
1: Ratio update interrupts (R+ and R-) enabled
4CLIM
Current limitation interrupt mask bit
0: Current limitation interrupt disabled
1: Current limitation interrupt enabled
This interrupt is available only in voltage mode (VOC1 bit = 0 in MCRA register) and
occurs when the motor current feedback reaches the external current limitation value.
3EIM
Emergency stop interrupt mask bit
0: Emergency stop interrupt disabled
1: Emergency stop interrupt enabled
2ZIM
Back EMF zero-crossing interrupt mask bit
0: BEMF Zero-crossing Interrupt disabled
1: BEMF Zero-crossing Interrupt enabled
1DIM
End of demagnetization interrupt mask bit
0: End of demagnetization interrupt disabled
1: End of demagnetization interrupt enabled if the HDM or SDM bit in the MCRB
register is set
0CIM
Commutation/capture interrupt mask bit
0: Commutation/capture interrupt disabled
1: Commutation/capture interrupt enabled
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com