Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 264 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 264 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 260Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 261Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 262Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 263Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 264Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 265Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 266Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 267Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 268Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
264/371
Interrupt status register (MISR)
MISR
Reset value: 0000 0000 (00h)
7
654
32
10
PUI
RPI
RMI
CLI
EI
ZI
DI
CI
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 125.
MISR register description
Bit Name
Function
7
PUI
PWM update interrupt flag
This bit is set by hardware when all the PWM compare register are transferred from
the preload to the active registers. The corresponding interrupt allows the user to
refresh the preload registers before the next PWM update event defined with MREP
register.
0: No PWM update interrupt pending
1: PWM update interrupt pending
6RPI
Ratio increment interrupt flag
Autoswitched mode (Swa bit = 1)
0: No R+ interrupt pending
1: R+ interrupt pending
Switched mode (Swa bit = 0)
0: No R+ action
1: The hardware increments the ST[3:0] bits when the next commutation occurs and
shifts all timer registers right.
Speed sensor mode (SWA bit = x, TES[1:0] bits = 01, 10, 11)
0: No R+ interrupt pending
1: R+ Interrupt pending
5RMI
Ratio decrement interrupt flag
Autoswitched mode (SWA bit = 1)
0: No R- interrupt pending
1: R- Interrupt pending
Switched mode (SWA bit = 0)
0: No R- action
1: The hardware decrements the ST[3:0] bits when the next commutation occurs and
shifts all timer registers left
Speed sensor mode (SWA bit = x, TES[1:0] bits = 01, 10, 11)
0: No R- interrupt pending
1: R- Interrupt pending
4CLI
Current limitation interrupt flag
0: No current limitation interrupt pending
1: Current limitation interrupt pending
3EI
Emergency stop interrupt flag
0: No emergency stop interrupt pending
1: Emergency stop interrupt pending
2ZI
BEMF zero-crossing interrupt flag
0: No BEMF zero-crossing interrupt pending
1: BEMF zero-crossing interrupt pending
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com