Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 282 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 282 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 278Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 279Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 280Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 281Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 282Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 283Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 284Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 285Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 286Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
282/371
Caution:
1: The PWM mode is selected via the 00[5:0] bits in the MPHST register, the OE[5:0] bits in
the MPAR register and the OS2 and OS0 bits in the MCRB register as shown in Table 134:
PWM mode when SR = 1 on page 269.
Caution:
2: When driving motors with three independent pairs of complementary PWM signals
(PCN = 1), disabling the deadtime generator (DTE = 0) causes the deadtime to be null: high
and low side signals are exactly complemented.
It is therefore recommended not to disable the deadtime generator (it may damage the
power stage), unless deadtimes are inserted externally.
Polarity register (MPOL)
Warning:
OP[5:0] bits in the MPOL register must be configured as
required by the application before enabling the MCO[5:0]
outputs with the MOE bit in the MCRA register.
MPOL
Reset value: 0011 1111 (3Fh)
7
654
32
10
ZVD
REO
OP[5:0]
R/W
R/W
Write once only
Table 156.
MPOL register description
Bit
Name
Function
7ZVD
Z vs D edge polarity
0: Zero-crossing and End of Demagnetization have opposite edges
1: Zero-crossing and End of Demagnetization have same edge
6REO
Read on High or Low channel bit(1)
0: Read the BEMF signal on High channels
1: Read on Low channels
1.
This bit always has to be configured whatever the sampling method.
5:0
OP[5:0]
Output channel polarity(2)
These bits are used together with the OO[5:0] bits in the MPHST register to control
the output channels (see Table 157).
0: Output channel is Active Low
1: Output channel is Active High
2.
Write-once bits; once write-accessed these bits cannot be rewritten unless the processor is reset (see
‘Caution: Access to write-once bits’ on page 280).
Table 157.
Output channel state control
OP[5:0] bit
OO[5:0] bit
MCO[5:0] pin
0
0
1 (Off)
01
0 (PWM possible)
1
0
0 (Off)
11
1 (PWM possible)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com