Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 285 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 285 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 281Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 282Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 283Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 284Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 285Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 286Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 287Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 288Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 289Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
285/371
Parity register (MPAR)
3SOI
Sampling out interrupt flag
This interrupt indicates that the sampling that should have been done during Ton
has occurred during the next Toff. In this case, the sample is discarded.
0: No sampling out interrupt pending
1: Sampling out interrupt pending
2SOM
Sampling out mask bit
This interrupt is available only for Z event sampling as D event sampling is always
done at fSCF high frequency.
0: Sampling out interrupt disabled
1: Sampling out interrupt enabled
This interrupt is available only when a delay has been set in the DS[3:0] bits in the
MCONF register.
Note: It is recommended to disable the sampling out interrupt when software Z
event is enabled (SZ bit in MCRC register is set) and if the value in the DS[3:0]
bits is modified to change the sampling method during the application.
1:0 XT16:XT8
BLDC drive motor control peripheral input frequency selection
00: fPERIPH (peripheral frequency) = fMTC
01: fPERIPH (peripheral frequency) = fMTC/2
10: fPERIPH (peripheral frequency) = fMTC/4
11: fPERIPH (peripheral frequency) = fMTC/4 (same as XT16 = 1, XT8 = 0)
Caution: It is recommended to set the peripheral frequency to 4 MHz. Setting
fPERIPH =fMTC is used mainly when fclk = 4 MHz (for low power consumption).
1.
Times are indicated for 4 MHz fPERIPH.
MPAR
Reset value: 0000 0000 (00h)
7
654
32
10
TES[1:0]
OE[5:0](1)
1.
Preload bits, new value taken into account at the next C event (in normal mode) or when a value is written
in the MPHST register when in direct access mode. For more details refer to the description of the DAC bit
in Control register A (MCRA) on page 265. The use of a preload register allows all the registers to be
updated at the same time.
R/W
R/W
Table 161.
MPAR register description
Bit
Name
Function
7:6
TES[1:0]
Tacho edge selection bits
The primary function of these bits is to select the edge sensitivity of the
tachogenerator capture logic; clearing both TES[1:0] bits specifies that the input
detection block does not operate in speed sensor mode but either in position
sensor or sensorless mode for a six-step motor drive). See Table 162.
5:0
OE[5:0]
Output parity mode
0: Output channel is High
1: Output channel Low
Note: These bits are not significant when PCN = 1 (configuration with three
independent phases).
Table 160.
MCONF register description (continued)
Bit
Name
Function
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com