Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 296 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 296 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 292Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 293Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 294Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 295Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 296Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 297Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 298Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 299Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 300Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
296/371
10.7.6
Low power modes
Note:
The op-amp can be disabled by resetting the OAON bit. This feature allows reduced power
consumption when the amplifier is not used.
10.7.7
Interrupts
None.
10.7.8
Register description
Control/status register (OACSR)
Table 169.
Effect of low power modes on op-amp
Mode
Description
Wait
No effect on op-amp
Halt
Op-amp disabled
After wake-up from Halt mode, the op-amp requires a stabilization time (see
Section 12: Electrical characteristics)
OASCR
Reset value: 0000 0000 (00h)
7
654
32
10
CMPOVR
OFFCMP
AVGCMP
OAON
HIGH
GAIN
Reserved
RO
R/W
R/W
R/W
R/W
-
Table 170.
OACSR register description
Bit
Name
Function
7CMPOVR
Compensation completed
This read-only bit contains the offset compensation status.
0: No offset compensation if OFFCMP = 0, or Offset compensation cycle not
completed if OFFCMP = 1
1: Offset compensation completed if OFFCMP = 1
6OFFCMP
Offset compensation
0: Reset offset compensation values
1: Request to start offset compensation
5AVGCMP
Average compensation
0: One-shot offset compensation
1: Average offset compensation over 16 times
4OAON
Amplifier on
0: Op-amp powered off
1: Op-amp on
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com