Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 297 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 297 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 293Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 294Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 295Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 296Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 297Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 298Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 299Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 300Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 301Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
297/371
10.8
10-bit A/D converter (ADC)
10.8.1
Introduction
The on-chip analog to digital converter (ADC) peripheral is a 10-bit, successive
approximation converter with internal sample and hold circuitry. This peripheral has up to 16
multiplexed analog input channels (refer to device pin out description) that allow the
peripheral to convert the analog voltage levels from up to 16 different sources.
The result of the conversion is stored in two 8-bit Data Registers. The A/D converter is
controlled through a control/status register.
10.8.2
Main features
●
10-bit conversion
●
Up to 16 channels with multiplexed input
●
2 software-selectable sample times
●
External positive reference voltage VREF+ can be independent from supply
●
Linear successive approximation
●
Data registers (DR) which contain the results
●
Conversion complete status flag
●
Maskable interrupt
●
On/off bit (to reduce consumption)
The block diagram is shown in Figure 128.
10.8.3
Functional description
Analog references
VREF+ and VREF- are the high and low level reference voltage pins. Conversion accuracy
may therefore be impacted by voltage drops and noise on these lines. VREF+ can be
supplied by an intermediate supply between VDDA and VSSA to change the conversion
voltage range. VREF- must be tied to VSSA. An internal resistor bridge is implemented
between VREF+ and VREF- pins, with a typical value of 15kΩ.
3HIGHGAIN
Gain range selection
This bit must be programmed depending on the application. It can be used to
ensure 35dB open loop gain when high, it must be low when the closed loop gain
is below 20dB for stability reasons.
0: Closed loop gain up to 20dB
1: Closed loop gain more than 20dB
2:0
-
Reserved, must be kept cleared
Table 170.
OACSR register description (continued)
Bit
Name
Function
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com