Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 315 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 315 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 311Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 312Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 313Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 314Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 315Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 316Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 317Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 318Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 319Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Electrical characteristics
315/371
12.3
Operating conditions
12.3.1
General operating conditions
Figure 131. fCPU max versus VDD
Note:
Some temperature ranges are only available with a specific package and memory size.
Refer to Section 14.2: Device ordering information and transfer of customer code on
page 358.
Warning:
Do not connect 12V to VPP before VDD is powered on, as this may damage
the device.
Table 189.
General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fCPU
Internal clock frequency versus VDD
08
MHz
VDD
Extended operating voltage
No Flash Write/Erase.
Analog parameters not
guaranteed(1)
3.8
5.5
V
Standard operating voltage
4.5
5.5
Operating voltage for Flash Write/Erase
VPP = 11.4 to 12.6V
4.5
5.5
TA
Ambient temperature range
A suffix version
-40
85
°C
C suffix version
-40
125
1.
Clock detector, ADC, comparator and Op-amp functionalities guaranteed only within 4.5 to 5.5V voltage range.
fCPU [MHz]
Supply voltage [V]
8
4
2
1
0
3.5
4.0
4.5
5.5
Functionality
Functionality
guaranteed
in this area
not guaranteed
in this area
3.8
6
(unless
otherwise
specified
in the tables
of parametric
data)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com