Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K6-Auto Datasheet(PDF) 316 Page - STMicroelectronics

Part # ST7MC1K6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto Datasheet(HTML) 316 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 312Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 313Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 314Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 315Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 316Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 317Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 318Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 319Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 320Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
316/371
12.3.2
Operating conditions with low voltage detector (LVD)
Subject to general operating conditions for VDD, fOSC, and TA.
12.3.3
Auxiliary voltage detector (AVD) thresholds
Subject to general operating condition for VDD, fOSC, and TA.
Table 190.
Operating conditions with LVD
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold (VDD rise)
3.904.204.50
V
VIT-(LVD)
Reset generation threshold (VDD fall)
3.804.004.35
Vhys(LVD)
LVD voltage threshold hysteresis
VIT+(LVD)-VIT-(LVD)
200
mV
VtPOR
VDD rise time rate
(1)
20
µs/V
100
ms/V
tg(VDD)
Width of filtered glitches on VDD
(1) (which
are not detected by the LVD)
40
ns
1.
Data based on characterization results, not tested in production.
Table 191.
AVD thresholds
Symbol
Parameter
Conditions
Min
Typ
Max(1)
Unit
VIT+(AVD)
1
⇒0 AVDF flag toggle threshold (V
DD
rise)
4.35
4.70
4.90
V
VIT-(AVD)
0
⇒1 AVDF flag toggle threshold (V
DD fall)
4.20
4.50
4.70
Vhyst(AVD)
AVD voltage threshold hysteresis(2)
VIT+(AVD)-VIT-(AVD)
200
mV
∆V
IT-
Voltage drop between AVD flag set and
LVD reset activated
VIT-(AVD)-VIT-(LVD)
450
mV
1.
See Section 15.7: Maximum values of AVD thresholds on page 366
2.
Data based on characterization results, not tested in production.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com