Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 214 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 214 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 210Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 211Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 212Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 213Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 214Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 215Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 216Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 217Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 218Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
214/371
In switched mode the user must process the step duration and commutation time by
software.
In autoswitched mode the commutation action is performed automatically depending on the
rotor position information and register contents. This is called the hardware commutation
event CH. When enabled by the SC bit in the MCRC register, commutation can also be
simulated by writing a value directly in the MCOMP register that is compared with the MTIM
value. This is called simulated commutation CS (Built-in checks and controls for simulated
events on page 221).
Both in switched mode and autoswitched mode, if the SC bit in the MCRC register is set
(software commutation enabled), no comparison between
the MCOMP and MTIM register is enabled before a write access in the MCOMP register.
This means that if the SC bit is set and no write access is done after in the MCOMP register,
no CS commutation event occurs.
In speed measurement mode, when using encoder or tachogenerator speed sensors (that
is, both TES[1:0] bits in the MPAR register are not reset and the input detection block is set-
up to process sensor signals), motor speed can be measured but it is not possible drive a
motor in six-step mode, either sensored or sensorless.
Speed measurement mode is useful for motors supplied with 3-phase sinewave-modulated
PWM signals:
●
AC induction motors,
●
Permanent magnet AC (PMAC) motors (although it needs three position sensors, they
can be handled just like tachogenerator signals).
This mode uses only part of the delay manager’s resources. For more details refer to Speed
measurement mode on page 227.
Switched mode
This feature allows the motor to be run step-by-step. This is useful when the rotor speed is
still too low to generate a BEMF. It can also run other kinds of motor without BEMF
generation such as induction motors or switch reluctance motors. This mode can also be
used for autoswitching with all computation for the next commutation time done by software
(hardware multiplier not used) and using the powerful interrupt set of the peripheral.
In this mode, the step time is directly written by software in the commutation compare
register MCOMP. When the MTIM timer reaches this value a commutation occurs (C event)
and the MTIM timer is reset.
At this time all registers with a preload function are loaded (see Section 10.6.13: MTC
registers on page 260). The CI bit of MISR is set and if the CIM bit in the MIMR register is
set an interrupt is generated.
The MTIM timer prescaler (step ratio bits ST[3:0] in the MPRSR register) is user
programmable. Access to this register is not allowed while the MTIM timer is running
(access is possible only before the starting the timer by means of the CKE bit) but the
Table 95.
Switched and autoswitched modes
SWA bit
Commutation type
MCOMP user access
0
Switched mode
Read/Write
1
Autoswitched mode
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com