Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 218 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 218 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 214Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 215Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 216Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 217Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 218Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 219Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 220Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 221Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 222Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
218/371
Figure 94.
CH processor block
1.
Register updated on R event.
Note:
1
An overflow of the MTIM timer generates an RPI interrupt if the RIM bit is set.
2
When simulated commutation mode is enabled, the D and Z events are not ignored by the
peripheral; this means that if a Z event happens, the MTIM 8-bit internal counter is reset.
3
To generate consecutive simulated commutations (CS), the successive value has to be
written in the MCOMP register only after a C event generation. Otherwise, the C event never
occurs.
4
When simulated commutation mode is enabled, the built-in check is active, so if the value
written in the MCOMP register is less than or equal to MTIM, the C event is generated and
the data in the MCOMP register are overwritten by the MTIM value.
Auto-updated step ratio register
●
In switched mode: the MTIM timer is driven by software only and any prescaler change
has to be done by software (see Switched mode on page 214 for more details).
●
In autoswitched mode: an auto-updated prescaler always configures the MTIM timer for
best accuracy. Figure 93 illustrates the process of updating the step ratio bits:
–
When the MTIM timer value reaches 100h, the prescaler is automatically
incremented in order to slow down the MTIM timer and avoid an overflow. To keep
consistent values, the MTIM register and all the relevant registers are shifted right
(divided by two). The RPI bit in the MISR register is set and an interrupt is
generated (if RIM is set). The timer restarts counting from its median value 0 x 80h
and if the TES[1:0] bits = 00, the OI bit in the MCRC register is set.
–
When a Z-event occurs, if the MTIM timer value is below 55h, the prescaler is
automatically decremented in order to speed up the MTIM timer and keep
precision better than 1.2%. The MTIM register and all the relevant registers are
MWGHT [an+1]
MZREG [Zn]
(1)
A x B/256
MZPRV [Zn-1]
(1)
DCB bit
SWA bit = 1 and
MCOMP [Cn+1]
(1)
ZH/ZS
8
8
8
n
n-1
MCRA register
MCRA register
SC bit = 0
MCRC register
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com