Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 222 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 222 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 218Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 219Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 220Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 221Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 222Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 223Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 224Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 225Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
222/371
Figure 96.
Simulated demagnetization/zero-crossing event generation (SC = 0)
When using hardware commutation CH, the sequence of events needed is CH then D and finally Z events
and the value written in the registers are checked at different times.
If SDM bit is set, meaning simulated demagnetization, a value must be written in the MDREG register to
generate the simulated demagnetization. This value must be written after the C (either Cs or CH) event
preceding the simulated demagnetization.
If SZ bit is set, meaning simulated zero-crossing event, a value must be written in the MZREG register to
generate the simulated zero-crossing. This value must be written after the D event (DH or DS) preceding
the simulated zero-crossing.
When using simulated commutation (CS), the result of the 8*8 hardware multiplication of the delay
manager is not taken in account and must be overwritten if the SC bit has been set in a Z event interrupt
and the sequence of events is broken meaning that several consecutive simulated commutations can be
implemented.
As soon as the SC bit is set in the MCRC register, the system won’t necessarily expect a D event after a
C event. This can be used for an application in sensor mode with only one hall effect sensor for example.
Be careful that the D and Z events are not ignored by the peripheral, this means that for example if a Z
event occurs, the MTIM timer is reset. In simulated commutation mode, the sequence D -> Z is expected,
and this order must be respected.
As the sequence of events may not be the same when using simulated commutation, as soon as the SC
bit is set, the capture/compare feature and protection on MCOMP register is reestablished only after a
write to the MCOMP register. This means that as soon as the SC bit is set, if no write access is done to
the MCOMP register, no commutation event is generated, whatever the value of MCOMP compared to
MTIM at the time SC is set. This does not depend on the running mode: switched or autoswitched mode
(SWA bit). If software commutation event is used with a normal sequence of events C-->D-->Z, it is
CH
CH
CH
ZH
DS
DH
ZH
DS
ZS
ZS
After C interrupt
MDREG value checked. If
MDREG<=MTIM
immediate DS generation
ZS
DS
ZH
CH
t
After D interrupt
MZREG value checked. If
MZREG<=MTIM
immediate ZS generation
During C interrupt
simulated or hardware D/Z events
value written in MDREG/MZREG
simulated event generation
Simulated zero-crossing
Simulated demagnetization
Hardware zero-crossing
Hardware commutation
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com