Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 256 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 256 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 252Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 253Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 254Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 255Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 256Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 257Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 258Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 259Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 260Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
256/371
Figure 121. Edge-aligned PWM waveforms (compare 0 register = 8)
12-bit mode (PMS bit = 0 in the MPCR register)
This mode is useful for MCMP0 values ranging from 9 bits to 12 bits. Figure 122 presents
the way compare 0 and compare U, V, W should be loaded. It requires loading two bytes in
the MCMPxH and MCMPxL registers (that is, MCMP0, MCMPU, MCMPV and MCMPW 16-
bit registers) following the sequence described below:
●
write to the MCMPxL register (LSB) first
●
then write to the MCMPxH register (MSB).
The 16-bit value is then ready to be transferred in the active register as soon as an update
event occurs. This sequence is necessary to avoid potential conflicts with update interrupts
causing the hardware transfer from preload to active registers: if an update event occurs in
the middle of the above sequence, the update is effective only when the MSB has been
written.
8-bit PWM mode (PMS bit = 1 in MPCR register)
This mode is useful whenever the MCMP0 value is less than or equal to 8-bits. It allows
significant CPU resource savings when computing three-phase duty cycles during PWM
interrupt routines. In this mode, the compare 0 and compare U, V, W registers have the
same size (8 bits). The extension of the MCMPx registers is done in using the OVFx bits in
the MPCR register (refer to Figure 122). These bits force the related duty-cycles to 100%
and are reset by hardware on occurence of a PWM update event.
Note:
Read access to registers with preload: During read accesses, values read are the
content of the preload registers, not the active registers.
Note:
Compare register active bit locations: The 13 active bits of the MCMPx registers are left-
aligned. This allows temporary calculations to be done with 16-bit precision, round-up is
done automatically to the 13-bit format when loading the values of the MCMPx registers.
Note:
MCMP0x registers: The configuration MCMP0H = MCMP0L = 0 is not allowed.
01234567
801
1
2
3‘1’
4‘0’
1 compare register value = 4
2 compare register value = 8
3 compare register value > 8
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com