Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 258 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 258 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 254Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 255Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 256Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 257Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 258Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 259Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 260Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 261Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 262Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
258/371
Figure 123. Update rate examples depending on mode and MREP register setting
Timer resynchronization
The 12-bit timer can be resynchronized by a simple write access with FFh value in the MISR
register. Resynchronization means that the 12-bit counter is reset and all the compare
preload registers MCP0, MCPU, MCPV, MCPW are transferred to the active registers.
To resynchronize the 12-bit timer properly, the following procedure must be applied:
1.
Load the new values in the preload compare registers
2.
Load FFh value in the MISR register (this resets the counter and transfers the compare
preload registers in the active registers: U event)
3.
Reset the PUI flag by loading 7Fh in the MISR register. Refer to note 2 on page 291.
Note:
Loading FFh value in the MISR register has no effect on any flag other than the PUI flag and
generates a PWM update interrupt if the PUM bit is set.
Warning:
In switched mode (SWA bit is reset), the procedure is the
same and loading FFh in the MISR register has no effect on
any flags except those on the PUI flag. As a consequence, it
is recommended to avoid setting RMI and RPI flags at the
same time in switched mode because none of them are taken
into account.
Center-aligned mode
Edge-aligned mode
U
U
U
U
U
U event: preload registers transferred to active registers and PWM interrupt generated.
12-bit PWM counter
MREP = 0
MREP = 1
MREP = 2
MREP = 3
U event if transition from MREP = 0 to MREP = 1 occurs when 12-bit counter is equal to MCPO.
U
MREP = 3
and
resynchronization
(by SW)
(by SW)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com