Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 280 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 280 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 276Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 277Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 278Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 279Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 280Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 281Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 282Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 283Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 284Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
280/371
Warning:
Access to preload registers: Special care has to be taken
with preload registers, especially when using the ST7 BSET
and BRES instructions on MTC registers.
For instance, while writing to the MPHST register, the value in
the preload register is written. However, while reading at the
same address, the current value in the register and not the
value of the preload register is obtained.
Excepted for three-phase PWM generator’s registers, all
preload registers are loaded in the active registers at the
same time. In normal mode this is done automatically when a
C event occurs, however in direct access mode (DAC bit = 1)
the preload registers are loaded as soon as a value is written
in the MPHST register.
Caution:
Access to write-once bits: Special care has to be taken with write-once bits in MPOL and
MDTG registers; these bits have to be first accessed during the set-up. Any access to the
other bits (not write-once) through a BRES or a BSET instruction locks the content of write-
once bits (no possibility for the core to distinguish individual bit access: Read/write internal
signal acts on a whole register only). This protection is then only unlocked after a processor
hardware reset.
Deadtime generator register (MDTG)
MDTG
Reset value: 1111 1111 (FFh)
7
654
32
10
PCN
DTE
DTG[5:0]
R/W
(1)
1.
Write once-only bit if PCN bit is set, read/write if PCN bit is reset.
Write once only
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com