Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 281 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 281 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 277Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 278Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 279Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 280Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 281Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 282Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 283Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 284Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 285Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
281/371
Table 154.
MDTG register description
Bit
Name
Function
7PCN
Number of PWM channels
0: Only PWM U signal is output to the PWM manager for six-step mode motor
control (example, PM BLDC motors)
1: The three PWM signals U, V and W are output to the channel manager
(example, for three-phase sinewave generation)
6DTE
Deadtime generator enable(1)
0: Disable the deadtime generator
1: Enable the deadtime generator and apply complementary PWM signal to the
adjacent switch
1.
Write once-only bit if PCN bit is set, read/write if PCN bit is reset. To clear the DTE bit if PCN = 1, it is
mandatory to clear the PCN bit first.
5:0 DTG[5:0]
Deadtime generator set-up(2)
These bits set-up the deadtime duration and resolution. Refer to Table 110 on
page 247 for details.
With Fmtc = 16 MHz, deadtime values range from 125ns to 16µs with steps of
125ns, 250ns and 500ns.
2.
Write-once bits; once write-accessed these bits cannot be rewritten unless the processor is reset (see
“Caution: Access to write-once bits” on page 280).
Table 155.
Deadtime generator set-up(1)
1.
This table is true on condition that the CKE bit is set (Peripheral clock enabled) and the MOE bit is set
(MCOx outputs enabled). See Table 127: Output configuration summary on page 267.
When the PCN bit is reset (example, for PM BLDC motors), in Direct Access mode
(DAC = 1), if the DTE bit is reset, PWM signals can be applied on the MCOx outputs but not
complementary PWM. Of course, logical levels can be also applied on the outputs.
If the DTE bit is set (PCN = 0 and DAC = 1), channels are paired and complementary PWM
signals can be output on the MCOx pins. This follows the instructions detailed in Table 111:
Deadtime generator outputs on page 249 as the channels are grouped in pairs.
In this case, the PWM application is selected by the OS0 bit in the MCRB register.
It is also possible to add a chopper on the PWM signal output using bits HFE[1:0] and
HFRQ[2:0] in the MREF register.
DAC
PCN bit in
MDTG register
DTE bit in
MDTG register
Complementary PWM
applied to adjacent switch
00
0
No
00
1
Yes
01
1
Yes
0
1
0
Yes, but WITHOUT deadtime
1
0
0
No Complementary PWM
10
1
Yes
11
1
Yes
1
1
0
Yes, but WITHOUT deadtime
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com