Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 298 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 298 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 294Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 295Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 296Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 297Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 298Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 299Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 300Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 301Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 302Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
298/371
Analog power supply
VDDA and VSSA are the supply and ground pins providing power to the converter part. They must be tied
to VDD and VSS respectively.
Figure 128. ADC block diagram
Digital A/D conversion result
The conversion is monotonic, meaning that the result never decreases if the analog input does not and
never increases if the analog input does not.
If the input voltage (VAIN) is greater than VREF+ (high-level voltage reference) then the conversion result is
FFh in the ADCDRMSB register and 03h in the ADCDRLSB register (without overflow indication).
If the input voltage (VAIN) is lower than VREF- (low-level voltage reference) then the conversion result in
the ADCDRMSB and ADCDRLSB registers is 00 00h.
The A/D converter is linear and the digital result of the conversion is stored in the ADCDRMSB and
ADCDRLSB registers. The accuracy of the conversion is described in the Section 12: Electrical
characteristics.
RAIN is the maximum recommended impedance for an analog input signal. If the impedance is too high,
there is a loss of accuracy due to leakage and sampling not being completed in the allotted time.
RREF is the value of the resistive bridge implemented in the device between VREF+ and VREF-.
CS2
CS1
EOC PRSC1PRSC0 ADON
CS0
ADCCSR
AIN0
AIN1
Analog to digital
converter
AINx
Analog
mux
D4
D3
D5
D9
D8
D7
D6
D2
ADCDRMSB
4
fADC
D1
D0
ADCDRLSB
0
0
00
00
CS3
MCCBCR
IT
request
ADCIE
ADSTS
Prescaler
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com