Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 301 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 301 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 297Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 298Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 299Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 300Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 301Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 302Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 303Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 304Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 305Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
301/371
Data register (ADCDRMSB)
Data register (ADCDRLSB)
4ADON
A/D converter on
This bit is set and cleared by software.
0: Disable ADC and stop conversion
1: Enable ADC and start conversion
3:0
CS[3:0]
Channel selection(1)
These bits are set and cleared by software. They select the analog input to
convert:
0000: channel pin = AIN0
0001: channel pin = AIN1
0010: channel pin = AIN2
0011: channel pin = AIN3
0100: channel pin = AIN4
0101: channel pin = AIN5
0110: channel pin = AIN6
0111: channel pin = AIN7
1000: channel pin = AIN8
1001: channel pin = AIN9
1010: channel pin = AIN10
1011: channel pin = AIN11
1100: channel pin = AIN12
1101: channel pin = AIN13
1110: channel pin = AIN14
1111: channel pin = AIN15
1.
The number of channels is device dependent. Refer to Section 2: Pin description.
ADCDRMSB
Reset value: 0000 0000 (00h)
7
654
32
10
D[9:2]
RO
Table 174.
ADCDRMSB register description
Bit Name
Function
7:0 D[9:2]
MSB of analog converted value
This register contains the MSB of the converted analog value.
ADCDRLSB
Reset value: 0000 0000 (00h)
7
654
32
10
Reserved
D[1:0]
-RO
Table 173.
ADCCSR register description (continued)
Bit
Name
Function
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com