Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 347 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 347 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 343Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 344Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 345Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 346Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 347Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 348Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 349Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 350Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 351Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Electrical characteristics
347/371
12.14
10-bit ADC characteristics
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Table 220.
10-bit ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VAREF Analog reference voltage
3
VDD
V
fADC
ADC clock frequency
4
MHz
VAIN
Conversion voltage range(1)
VSSA
VAREF
V
Ilkg
Input leakage current for analog
input
±1
µA
Negative input leakage current on
analog pins
VIN < VSS, | IIN |< 400µA
on adjacent analog pin
56
RAIN
External input impedance
see
Figure 158
and
Figure 159
(2)(3)(4)
k
Ω
CAIN
External capacitor on analog input
pF
fAIN
Variation freq. of analog input
signal
Hz
CADC
Internal sample and hold capacitor
6
pF
tADC
Conversion time (sample+hold)
fCPU = 8 MHz,
fADC =4MHz,
ADSTS bit in MCCBCR
register = 0
3.5
µs
– Sample capacitor loading time
– Hold conversion time
4
10
1/fADC
Conversion time (sample+hold)
fCPU = 8 MHz,
fADC =4MHz,
ADSTS bit in MCCBCR
register = 1
6.5
µs
– Sample capacitor loading time
– Hold conversion time
16
10
1/fADC
RAREF Analog reference input resistor
11
k
Ω
1.
When VSSA pins are not available on the pinout, the ADC refer to VSS.
2.
Any added external serial resistor downgrades the ADC accuracy (especially for resistance greater than 10k
Ω). Data
based on characterization results, not tested in production.
3.
CPARASITIC represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the pad
capacitance (3pF). A high CPARASITIC value downgrades conversion accuracy. To remedy this, fADC should be reduced.
4.
This graph shows that depending on the input signal variation (fAIN), CAIN can be increased for stabilization time and
decreased to allow the use of a larger serial resistor (RAIN).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com