Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4-Auto Datasheet(PDF) 350 Page - STMicroelectronics

Part # ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Datasheet(HTML) 350 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 346Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 347Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 348Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 349Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 350Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 351Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 352Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 353Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 354Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
350/371
Figure 161. Power supply filtering
ADC accuracy with VDD =5.0V
Table 221.
ADC accuracy with VDD =5.0V
Symbol
Parameter
Conditions
Typ
Max(1)
1.
Data based on characterization results, monitored in production to guarantee 99.73% within ± max value
from -40°C to 125°C (± 3
σ distribution limits).
Unit
|ET|
Total unadjusted error(2)
2.
ADC accuracy vs. Negative injection current: Injecting negative current may reduce the accuracy of the
conversion being performed on another analog input. The effect of negative injection current on analog
pins is specified in Section 12.14: 10-bit ADC characteristics on page 347. Any positive injection current
within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 12.8: I/O port pin characteristics on page 329
does not affect the ADC accuracy.
VAREF = 3.0V to 5.0V, fCPU = 8 MHz,
fADC = 4 MHz, RAIN <10kΩ
4
LSB
|EO|
Offset error(2)
2.5
4
|EG|
Gain error(2)
2
|ED|
Differential linearity error(2)
24.5
|EL|
Integral linearity error(2)
VSS
VDD
0.1µF
10pF
VDD
VAREF
VSSA
ST7
digital noise
filtering
External
noise
filtering
1 to 10µF
0.1µF
10pF
(if needed)
(if needed)
Power
supply
source
ST7MC1K2-Auto
ST7MC1K6-Auto
ST7MC2S4-Auto
ST7MC2S6-Auto
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com