Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 205 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 205 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 201Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 202Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 203Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 204Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 205Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 206Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 207Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 208Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 209Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
205/371
For complete flexibility, the possibility of sampling at fSCF high frequency during the ON time
of the PWM signal is also available when the SPLG bit is set as if there is a delay value in
the DS[3:0] bits. This means that when the sampling is to be performed, after the delay a
sampling window at fSCF frequency is opened until the next OFF time of the PWM signal.
The sampling out interrupt is generated if the delay added is longer than the duty cycle of
the PWM signal. As the SPLG bit is set and a value has been put in the DS[3:0] bits, no
minimum off time is required for the PWM signal and it is automatically set to 0µs in current
mode. A true 100% duty cycle can be also set in the 12-bit Timer in voltage mode. Figure 87
shows in detail the sampling at fSCF high frequency during ON time.
Figure 85.
Adding the delay to sample during ON time for Z detection
Figure 86.
Sampling out interrupt generation
In conclusion, there are four sampling types that are available for Z event detection in
sensorless mode.
1.
Sampling at the end of the OFF time of the PWM signal at the PWM frequency.
2.
Sampling, at a programmable frequency independent of the PWM state (during ON
time or OFF time of the signal). Sampling is done at fSCF (see Table 166).
3.
Sampling during the ON time of the PWM signal by adding a delay at PWM frequency.
4.
Sampling, at a programmable frequency during the ON time (addition of a
programmable delay) of the PWM signal. Sampling is done at fSCF (see Table 166).
Note:
1
The sampling type is applied only for Z event detection after the D event has occurred.
Whatever the sampling type for Z event detection, the sampling of the signal for D event
detection is always done at the selected fSCF frequency (see Table 166), independently of
the PWM signal (either during ON or OFF time). Table 92 explains the different sampling
types in sensorless and in sensor mode.
2
When the MOE bit in the MCRA register is reset (MCOx outputs in reset state), and the SR
bit in the MCRA register is reset (sensorless mode) and the SPLG bit in the MCRC register
PWM OFF time
Current sample
DS[3:0]
New sample
TSampling
PWM signal
DS[3:0]
DS[3:0]
TSampling
PWM signal
New sample during next OFF time.
Sample not taken into account.
SO interrupt generated.
SO
SO
To interrupt generator
PWM OFF time
Current sample
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com