Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 206 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 206 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 202Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 203Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 204Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 205Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 206Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 207Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 208Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 209Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 210Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
206/371
is reset (sampling at PWM frequency) then, depending on the state of the ZSV bit in the
MSCR register, Z event sampling can run or be stopped (and D event is sampled).
3
When BEMF sampling is performed at the end of the PWM signal off-time, the inputs in
OFF-state are grounded or put in HiZ as selected by the DISS bit in the MSCR register.
4
The ZEF[3:0] event counter in the MZFR register is active in all configurations.
Figure 87.
Sampling during ON time at fSCF
Commutation noise filter
For D event detection and for Z event detection (when SPLG bit is set while DS[3:0] bits are
reset), sampling is done at fSCF during the PWM ON or OFF time (Sampling block on
page 203). To avoid any erroneous detection due to PWM commutation noise, an hardware
filter of 1µs (for fPERIPH = 4 MHz) when PWM is put ON and when PWM is put OFF has
been implemented. This means that, with sampling at 1MHz (1µs), due to this filter, 1
sample are ignored directly after the commutation.
This filter is active all the time for the D event and it is active for the Z event when the SPLG
bit is set and DS[3:0] bits are cleared (meaning that the Z event is sampled at high
frequency during the PWM ON or OFF time).
PWM OFF state
Current sample
fSCF during on time
PWM signal
DS[3:0]
DS[3:0]
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com