Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 210 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 210 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 206Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 207Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 208Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 209Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 210Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 211Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 212Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 213Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 214Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
210/371
Encoder mode (IS[1:0] = 11)
Figure 91 shows the signals delivered by a standard digital incremental encoder and
associated information:
●
Two 90° phased square signals with variable frequency proportional to the speed; they
must be connected to MCIA and MCIB input pins,
●
Clock derived from incoming signal edges,
●
Direction information determined by the relative phase shift of input signals (+/-90°).
The incremental encoder interface block aims at extracting these signals. As input logic is
both rising and falling edge sensitive (independently from TES[1:0] bits setting), resulting
clock frequency is four times the one of the input signals, thus increasing resolution for
measurements.
It may be noticed that direction bit (EDIR bit in MCRC register) is read only and that it does
not affect counting direction of clocked timer (see Section 10.6.7: Delay manager). As a
result, one cannot extract position information from encoder inputs during speed reversal.
Figure 90.
Tacho capture events configured by the TES[1:0] bits
Figure 91.
Incremental encoder output signals and derived information
Note:
If only one encoder output is available, it may be input either on MCIA or MCIB and an
encoder clock signal is still generated (in this case the frequency is 50% less than with two
inputs.
The state of EDIR bit depends on signals present on MCIA and MCIB pins, the result is
given by sampling the falling edges of MCIA with MCIB.
MCIA
MCIB
Encoder inputs
Direction EDIR bit
Sampling of MCIA to determine direction
Encoder clock
Tacho input
Tacho capture
TES[1:0] = 11
TES[1:0] = 01
TES[1:0] = 10
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com