Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 265 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 265 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 261Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 262Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 263Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 264Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 265Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 266Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 267Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 268Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 269Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
265/371
Note:
1
Loading value FFh in the MISR register resets the PWM generator counter and transfers the
compare preload registers in the active registers by generating a U event (PUI bit set to 1).
Refer to Timer resynchronization on page 258.
2
When several MTC interrupts are enabled at the same time the BRES instruction must not
be used to avoid unwanted clearing of status flags: if a second interrupt occurs while BRES
is executed (which performs a read-modify-write sequence) to clear the flag of a first
interrupt, the flag of the second interrupt may also be cleared and the corresponding
interrupt routine is not serviced. It is thus recommended to use a load instruction to clear the
flag, with a value equal to the logical complement of the bit. For instance, to clear the PUI
flag:
ld MISR, # 0x7F.
3
In autoswitched mode (SWA = 1 in the MRCA register): As all bits in the MISR register are
status flags, they are set by internal hardware signals and must be cleared by software. Any
attempt to write them to 1 has no effect (they are read as 0) without interrupt generation.
In switched mode (SWA = 0 in the MRCA register): To avoid losing any interrupts when
modifying the RMI and RPI bits the following instruction sequence is recommended:
ld MISR, # 0x9F; reset both RMI and RPI bits.
ld MISR, # 0xBF; set RMI bit.
ld MISR, # 0xDF; set RPI bit.
Control register A (MCRA)
1DI
End of demagnetization interrupt flag
0: No end of demagnetization interrupt pending
1: End of demagnetization interrupt pending
0CI
Commutation/capture interrupt flag
0: No commutation/capture interrupt pending
1: Commutation/capture interrupt pending
Table 125.
MISR register description (continued)
Bit Name
Function
MCRA
Reset value: 0000 0000 (00h)
7
654
32
10
MOE
CKE
SR
DAC
V0C1
SWA
PZ
DCB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 126.
MCRA register description
Bit Name
Function
7
MOE
Output enable bit
0: Outputs disabled; MC0[5:0] outputs are put in reset state(1)(2)
1: Outputs enabled; MC0[5:0] outputs enabled
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com