Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 267 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 267 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 263Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 264Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 265Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 266Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 267Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 268Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 269Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 270Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 271Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
267/371
Table 127.
Output configuration summary(1)
1.
When clocks are disabled (CKE bit reset) while outputs are enabled (MOE bit set), the effects on the MCOx
outputs where PWM signal is applied depend on the running mode selected:
- In voltage mode (VOC1 bit = 0), the MCOx outputs where PWM signal is applied stay at level 1.
- In current mode (VOC1 bit = 1), the MCOx outputs where PWM signal is applied are put to level 0.
In all cases, MCOx outputs where a level 1 was applied before disabling the clocks stay at level 1. That is
why it is recommended to disable the MCOx outputs (reset MOE bit) before disabling the clocks. This puts
all the MCOx outputs under reset state defined by the corresponding option bit.
Effect on PWM generator: The PWM generator 12-bit counter is reset as soon as CKE = 0. This ensures
that the PWM signals start properly in all cases. When these bits are set, all registers with preload on
update event are transferred to active registers.
CKE bit
MOE bit DAC bit Peripheral clock
Effect on MCOx output
0
0
x
Disabled
Reset state
0
1
0
Disabled
Peripheral frozen(2)
2.
“Peripheral frozen” configuration is not recommended, as the peripheral may be stopped in an unknown
state (depending on PWM generator outputs,etc.). It is better practice to exit from run mode by first setting
output state (by toggling either MOE or DAC bits) and then to disabling the clock if needed.
0
1
1
Disabled
Direct access via MPHST (only logical level)(3)
3.
In direct access mode (DAC = 1), when CKE = 0 (peripheral clock disabled) only logical level can be
applied on the MCOx outputs when they are enabled whereas when CKE = 1 (peripheral clock enabled), a
PWM signal can be applied on them. Refer to Table 155: Deadtime generator set-up on page 281.
1
0
x
Enabled
Reset state
1
1
0
Enabled
Standard running mode.
1
1
1
Enabled
Direct access via MPHST (PWM can be applied)(3)
Table 128.
Sensor mode selection
SR bit
Mode
OS[2:0] bits
Behavior of the output PWM
0
Sensors not used OS[2:0] bits enabled
‘Between Cn and D’ behavior,
‘Between D and Z’ behavior and
‘Between Z and Cn+1’ behavior
1
Sensors used
OS1 disabled
‘Between Cn and Z’ behavior and
‘Between Z and Cn+1’ behavior
Table 129.
DAC bit meaning
MOE bit
DAC bit
Effect on output
0
x
Reset state depending on the option bit
1
0
Standard running mode
11
MPHST register value (depending on MPOL, MPAR register values
and PWM setting) (see Table 155)
Table 130.
Multiplier result
DCB bit
Commutation delay
0
MCOMP = MWGHT x MZPRV/256
1
MCOMP = MWGHT x MZREG/256
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com