Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 283 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 283 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 279Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 280Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 281Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 282Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 283Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 284Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 285Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 286Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 287Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
283/371
PWM register (MPWME)
MPWME
Reset value: 0000 0000 (00h)
7
654
32
10
DG
PWMW
PWMV
PWMU
OT[3:0]
R/W
R/W
R/W
R/W
R/W
Table 158.
MPWME register description
Bit
Name
Function
7DG
Debug option
This bit is used to enter debug mode. As a result, C, D and Z events are output on
two pins MCDEM and MCZEM in Switched and Autoswitched mode, C and U
events are output in Speed Measurement mode. Refer to Debug option on
page 219 for more details.
0: Normal mode
1: Debug mode
6PWMW
PWM W output control
0: PWM on Compare Register W is not output on MCPWMW pin
1: PWM on Compare Register W is output on MCPWMW pin
5PWMV
PWM V output control
0: PWM on Compare Register V is not output on MCPWMV pin
1: PWM on Compare Register V is output on MCPWMV pin
4PWMU
PWM U output control
0: PWM on Compare Register U is not output on MCPWMU pin
1: PWM on Compare Register U is output on MCPWMU pin
3:0 OT[3:0]
Off time selection
These bits are used to select the OFF time in sensorless current mode as shown in
the following Table 159.
Table 159.
OFF time bits
OT3OT2
OT1OT0
Off time sensorless mode
(SR
= 0)
(DS[3:0]
= 0)
Sensor mode (SR
= 1) or
sampling during ON time in
sensorless mode
(SPLG
= 1 and/or DS[3:0]
bits)
0
0
0
0
2.5 µs
No minimum off -time
0
0
0
1
5 µs
0
0
1
0
7.5 µs
0
011
10 µs
0
1
0
0
12.5 µs
0
101
15 µs
0
1
1
0
17.5 µs
0
111
20 µs
1
0
0
0
22.5 µs
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com