Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S6-Auto Datasheet(PDF) 284 Page - STMicroelectronics

Part # ST7MC2S6-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S6-Auto Datasheet(HTML) 284 Page - STMicroelectronics

Back Button ST7MC2S6-Auto Datasheet HTML 280Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 281Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 282Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 283Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 284Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 285Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 286Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 287Page - STMicroelectronics ST7MC2S6-Auto Datasheet HTML 288Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
284/371
Note:
Times are indicated for 4 MHz fPERIPH.
Configuration register (MCONF)
1
001
25 µs
No minimum off -time
1
0
1
0
27.5 µs
1
011
30 µs
1
1
0
0
32.5 µs
1
101
35 µs
1
1
1
0
37.5 µs
1
111
40 µs
Table 159.
OFF time bits (continued)
OT3OT2
OT1OT0
Off time sensorless mode
(SR
= 0)
(DS[3:0]
= 0)
Sensor mode (SR
= 1) or
sampling during ON time in
sensorless mode
(SPLG
= 1 and/or DS[3:0]
bits)
MCONF
Reset value: 0000 0010 (02h)
7
654
32
10
DS[3:0]
SOI
SOM
XT16:XT8
R/W
R/W
R/W
R/W
Table 160.
MCONF register description
Bit
Name
Function
7:4
DS[3:0]
Delay for sampling at Ton
These bits are used to define the delay inserted before sampling in order to
sample during PWM ON time(1):
0000: Delay added to sample at TON = no delay added, sample during TOFF.
0001: Delay added to sample at TON =2.5µs
0010: Delay added to sample at TON =5µs
0011: Delay added to sample at TON =7.5µs
0100: Delay added to sample at TON = 10µs
0101: Delay added to sample at TON = 12.5µs
0110: Delay added to sample at TON = 15µs
0111: Delay added to sample at TON = 17.5µs
1000: Delay added to sample at TON = 20µs
1001: Delay added to sample at TON = 22.5µs
1010: Delay added to sample at TON = 25µs
1011: Delay added to sample at TON = 27.5µs
1100: Delay added to sample at TON = 30µs
1101: Delay added to sample at TON = 32.5µs
1110: Delay added to sample at TON = 35µs
1111: Delay added to sample at TON = 37.5µs
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com