Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K4 Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST72344K4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K4 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST72344K4 Datasheet HTML 57Page - STMicroelectronics ST72344K4 Datasheet HTML 58Page - STMicroelectronics ST72344K4 Datasheet HTML 59Page - STMicroelectronics ST72344K4 Datasheet HTML 60Page - STMicroelectronics ST72344K4 Datasheet HTML 61Page - STMicroelectronics ST72344K4 Datasheet HTML 62Page - STMicroelectronics ST72344K4 Datasheet HTML 63Page - STMicroelectronics ST72344K4 Datasheet HTML 64Page - STMicroelectronics ST72344K4 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 247 page
background image
ST72344xx, ST2345xx
Interrupts
Doc ID 12321 Rev 6
61/247
8.7
External interrupt control register (EICR)
Reset value: 0000 0000 (00h)
Bits 7:6 = IS1[1:0] ei2 and ei3 sensitivity
The interrupt sensitivity, defined using the IS1[1:0] bits, is applied to the following
external interrupts:
●
ei2 (port B3..0)
●
ei3 (port B4)
These 2 bits can be written only when I1 and I0 of the CC register are both set to 1 (level 3).
Bit 5 = IPB Interrupt polarity for port B
This bit is used to invert the sensitivity of the port B [3:0] external interrupts. It can be
set and cleared by software only when I1 and I0 of the CC register are both set to 1
(level 3).
0: No sensitivity inversion
1: Sensitivity inversion
7
0
IS11
IS10
IPB
IS21
IS20
IPA
0
0
Read/Write
Table 18.
External interrupt sensitivity (ei2)
IS11
IS10
Sensitivity
IPB bit =0
IPB bit =1
0
0
Falling edge & low level
Rising edge & high level
0
1
Rising edge only
Falling edge only
1
0
Falling edge only
Rising edge only
1
1
Rising and falling edge
Table 19.
External interrupt sensitivity (ei3)
IS11
IS10
Sensitivity
0
0
Falling edge & low level
0
1
Rising edge only
1
0
Falling edge only
1
1
Rising and falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com