Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K4 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST72344K4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K4 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST72344K4 Datasheet HTML 11Page - STMicroelectronics ST72344K4 Datasheet HTML 12Page - STMicroelectronics ST72344K4 Datasheet HTML 13Page - STMicroelectronics ST72344K4 Datasheet HTML 14Page - STMicroelectronics ST72344K4 Datasheet HTML 15Page - STMicroelectronics ST72344K4 Datasheet HTML 16Page - STMicroelectronics ST72344K4 Datasheet HTML 17Page - STMicroelectronics ST72344K4 Datasheet HTML 18Page - STMicroelectronics ST72344K4 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 247 page
background image
ST72344xx, ST2345xx
Description
Doc ID 12321 Rev 6
15/247
1
Description
The ST7234x devices are members of the ST7 microcontroller family. Table 2 gives the
available part numbers and details on the devices. All devices are based on a common
industry-standard 8-bit core, featuring an enhanced instruction set.
They feature single-voltage Flash memory with byte-by-byte in-circuit programming (ICP)
and in-application programming (IAP) capabilities.
Under software control, all devices can be placed in Wait, Slow, Auto-wakeup from Halt,
Active-halt or Halt mode, reducing the power consumption when the application is in idle or
stand-by state.
The enhanced instruction set and addressing modes of the ST7 offer both power and
flexibility to software developers, enabling the design of highly efficient and compact
application code. In addition to standard 8-bit data management, all ST7 microcontrollers
feature true bit manipulation, 8x8 unsigned multiplication and indirect addressing modes.
The devices feature an on-chip debug module (DM) to support in-circuit debugging (ICD).
For a description of the DM registers, refer to the ST7 ICC Protocol Reference Manual.
Figure 1.
General block diagram
8-BIT CORE
ALU
OSC1
CONTROL
PROGRAM
(16 K - 32 KBytes)
VDD
RESET
PORT F
PF
(6-bits)
TIMER A
BEEP
PORT A
RAM
(512- 1024 Bytes)
PORT C
10-BIT ADC
VAREF
VSSA
PORT B
PB
(5-bits)
PWM ART
TIMER B
PA
(5-bits)
PORT D
PD
(6-bits)
SPI
PC
(8-bits)
VSS
WATCHDOG
CLOCK CONTROL
LVD
OSC2
MEMORY
MCC/RTC/BEEP
AVD
I2CMMS
PORT E
PE
(2-bits)
SCI
I2C3SNS
INTERNAL RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com