Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K4 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST72344K4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K4 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST72344K4 Datasheet HTML 58Page - STMicroelectronics ST72344K4 Datasheet HTML 59Page - STMicroelectronics ST72344K4 Datasheet HTML 60Page - STMicroelectronics ST72344K4 Datasheet HTML 61Page - STMicroelectronics ST72344K4 Datasheet HTML 62Page - STMicroelectronics ST72344K4 Datasheet HTML 63Page - STMicroelectronics ST72344K4 Datasheet HTML 64Page - STMicroelectronics ST72344K4 Datasheet HTML 65Page - STMicroelectronics ST72344K4 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 247 page
background image
Interrupts
ST72344xx, ST2345xx
62/247
Doc ID 12321 Rev 6
Bits 4:3 = IS2[1:0] ei0 and ei1 sensitivity
The interrupt sensitivity, defined using the IS2[1:0] bits, is applied to the following
external interrupts:
●
ei0 (port A3, port E1)
●
ei1 (port F2..0)
These 2 bits can be written only when I1 and I0 of the CC register are both set to 1 (level 3).
Bit 2 = IPA Interrupt polarity for ports A3 and E1
This bit is used to invert the sensitivity of the port A3 and E1 external interrupts. It can
be set and cleared by software only when I1 and I0 of the CC register are both set to 1
(level 3).
0: No sensitivity inversion
1: Sensitivity inversion
Bits 1:0 = Reserved, must always be kept cleared.
Table 20.
External interrupt sensitivity (ei0)
IS21
IS20
Sensitivity
IPA bit =0
IPA bit =1
0
0
Falling edge & low level
Rising edge & high level
0
1
Rising edge only
Falling edge only
1
0
Falling edge only
Rising edge only
1
1
Rising and falling edge
Table 21.
External interrupt sensitivity (ei1)
IS21
IS20
Sensitivity
0
0
Falling edge & low level
0
1
Rising edge only
1
0
Falling edge only
1
1
Rising and falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com