Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K4 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST72344K4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K4 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST72344K4 Datasheet HTML 37Page - STMicroelectronics ST72344K4 Datasheet HTML 38Page - STMicroelectronics ST72344K4 Datasheet HTML 39Page - STMicroelectronics ST72344K4 Datasheet HTML 40Page - STMicroelectronics ST72344K4 Datasheet HTML 41Page - STMicroelectronics ST72344K4 Datasheet HTML 42Page - STMicroelectronics ST72344K4 Datasheet HTML 43Page - STMicroelectronics ST72344K4 Datasheet HTML 44Page - STMicroelectronics ST72344K4 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 247 page
background image
ST72344xx, ST2345xx
Supply, reset and clock management
Doc ID 12321 Rev 6
41/247
7
Supply, reset and clock management
The device includes a range of utility features for securing the application in critical
situations (for example in case of a power brown-out), and reducing the number of external
components.
7.1
Main features
●
Clock management
–
1 MHz high-accuracy internal RC oscillator (enabled by option byte)
–
1 to 16 MHz External crystal/ceramic resonator (enabled by option byte)
–
External Clock Input (enabled by option byte)
–
PLL for multiplying the frequency by 8 or 4 (enabled by option byte)
●
Reset sequence manager (RSM)
●
System integrity management (SI)
–
Main supply low voltage detection (LVD) with reset generation (enabled by option
byte)
–
Auxiliary voltage detector (AVD) with interrupt capability for monitoring the main
supply (enabled by option byte)
Figure 13.
Clock, reset and supply block diagram
CR9
CR8
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
RCCRH/RCCRL Register
Tunable
RC Oscillator
/2
DIVIDER
OSC
1-16 MHz
OSC Option bit
/2
DIVIDER
PLL 1 MHz --> 8 MHz
PLL 1 MHz --> 4 MHz
External Clock (0.5-8 MHz)
RC Clock (1 MHz)
PLL Clock 8/4 MHz
OSC, PLLOFF
OSCRANGE[2:0]
Option bits
Crystal OSC (0.5-8 MHz)
PLLx4x8
OSC1
OSC2
fOSC2
MAIN CLOCK
CONTROLLER
WITH REAL-TIME
CLOCK(MCC/RTC)
fCPU
8 MHz
4 MHz
1 MHz
Option bit
/2
DIVIDER*
DIV2EN
Option bit*
*not available if PLLx4 is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com