Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K4 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST72344K4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K4 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST72344K4 Datasheet HTML 16Page - STMicroelectronics ST72344K4 Datasheet HTML 17Page - STMicroelectronics ST72344K4 Datasheet HTML 18Page - STMicroelectronics ST72344K4 Datasheet HTML 19Page - STMicroelectronics ST72344K4 Datasheet HTML 20Page - STMicroelectronics ST72344K4 Datasheet HTML 21Page - STMicroelectronics ST72344K4 Datasheet HTML 22Page - STMicroelectronics ST72344K4 Datasheet HTML 23Page - STMicroelectronics ST72344K4 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 247 page
background image
Pin description
ST72344xx, ST2345xx
20/247
Doc ID 12321 Rev 6
Legend / Abbreviations for Table 3:
Type:
I = input, O = output, S = supply
Input level:
A = Dedicated analog input
In/Output level: CT= CMOS 0.3VDD/0.7VDD with input trigger
Output level:
HS = 20 mA high sink (on N-buffer only)
Port and control configuration:
●
Input:
float = floating, wpu = weak pull-up, int = interrupt 1), ana = analog
●
Output:
OD = open drain 2), PP = push-pull
The reset configuration of each pin is shown in bold. This configuration is valid as long as
the device is in reset state.
On the chip, each I/O port may have up to 8 pads. Pads that are not bonded to external pins
are set in input pull-up configuration after reset through the option byte Package selection.
The configuration of these pads must be kept at reset state to avoid added current
consumption.
Table 3.
Device pin description
Pin n°
Pin name
Level
Port
Main
function
(after
reset)
Alternate function
Input (1)
Output
113 14 VDDA
(2)
S
Analog supply voltage
214 15 VSSA
(2)
S
Analog ground voltage
3
15 16 PF0/MCO/AIN8
I/O CT
Xei1
X
X
X
Port F0
Main clock
out
(fOSC/2)
ADC
analog
input 8
4
16 17 PF1 (HS)/BEEP
I/O CT HS X
ei1
X
X
Port F1
Beep signal output
-17 18 PF2 (HS) (3)
I/O CT HS X
ei1
X
X
Port F2
5
18 19 PF4/OCMP1_A/AIN10
I/O CT
XX
X
X
X
Port F4
Timer A
output
compare 1
ADC
analog
input 10
6
19 20 PF6 (HS)/ICAP1_A
I/O CT HS X
X
X
X
Port F6
Timer A Input
Capture 1
7
20 21 PF7 (HS)/EXTCLK_A
I/O CT HS X
X
X
X
Port F7
Timer A external
clock source
-21 22 VDD_0
(2)
S
Digital main supply voltage
-22 23 VSS_0
(2)
S
Digital ground voltage
8
23 24 PC0/OCMP2_B/AIN12
I/O CT
XX
X
X
X
Port C0
Timer B
output
compare 2
ADC
analog
input 12
9
24 27 PC1/OCMP1_B/AIN13
I/O CT
XX
X
X
X
Port C1
Timer B
output
compare 1
ADC
analog
input 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com