Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K4 Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST72344K4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K4 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST72344K4 Datasheet HTML 68Page - STMicroelectronics ST72344K4 Datasheet HTML 69Page - STMicroelectronics ST72344K4 Datasheet HTML 70Page - STMicroelectronics ST72344K4 Datasheet HTML 71Page - STMicroelectronics ST72344K4 Datasheet HTML 72Page - STMicroelectronics ST72344K4 Datasheet HTML 73Page - STMicroelectronics ST72344K4 Datasheet HTML 74Page - STMicroelectronics ST72344K4 Datasheet HTML 75Page - STMicroelectronics ST72344K4 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 247 page
background image
Power-saving modes
ST72344xx, ST2345xx
72/247
Doc ID 12321 Rev 6
9.7
Register description
9.7.1
AWUFH control/status register (AWUCSR)
Reset value: 0000 0000 (00h)
Bits 7:3 = Reserved.
Bit 2= AWUF Auto-wakeup flag
This bit is set by hardware when the AWU module generates an interrupt and cleared
by software on reading AWUCSR.
0: No AWU interrupt occurred
1: AWU interrupt occurred
Bit 1= AWUM Auto-wakeup measurement
This bit enables the AWU RC oscillator and connects internally its output to the ICAP2
input of 16-bit timer A. This allows the timer to be used to measure the AWU RC
oscillator dispersion and then compensate this dispersion by providing the right value in
the AWUPR register.
0: Measurement disabled
1: Measurement enabled
Bit 0 = AWUEN Auto-wakeup from Halt Enabled
This bit enables the Auto-wakeup from Halt feature: once Halt mode is entered, the
AWUFH wakes up the microcontroller after a time delay defined by the AWU prescaler
value. It is set and cleared by software.
0: AWUFH (Auto-wakeup from Halt) mode disabled
1: AWUFH (Auto-wakeup from Halt) mode enabled
7
0
00
000
AWU
F
AWUM
AWUEN
Read/Write (except bit 2 read only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com