Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K4 Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST72344K4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K4 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST72344K4 Datasheet HTML 69Page - STMicroelectronics ST72344K4 Datasheet HTML 70Page - STMicroelectronics ST72344K4 Datasheet HTML 71Page - STMicroelectronics ST72344K4 Datasheet HTML 72Page - STMicroelectronics ST72344K4 Datasheet HTML 73Page - STMicroelectronics ST72344K4 Datasheet HTML 74Page - STMicroelectronics ST72344K4 Datasheet HTML 75Page - STMicroelectronics ST72344K4 Datasheet HTML 76Page - STMicroelectronics ST72344K4 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 247 page
background image
ST72344xx, ST2345xx
Power-saving modes
Doc ID 12321 Rev 6
73/247
9.7.2
AWUFH prescaler register (AWUPR)
Reset value: 1111 1111 (FFh)
Bits 7:0= AWUPR[7:0] Auto-wakeup Prescaler
These 8 bits define the AWUPR Dividing factor, as explained below:
In AWU mode, the period that the MCU stays in Halt mode (tAWU in Figure 33) is defined by
This prescaler register can be programmed to modify the time that the MCU stays in Halt
mode before waking up automatically.
7
0
AWUPR7
AWUPR6
AWUPR5
AWUPR4
AWUPR3
AWUPR2
AWUPR1
AWUPR0
Read/Write
Table 24.
AWUPR dividing factor
AWUPR[7:0]
Dividing factor
00h
Forbidden (1)
1.
If 00h is written to AWUPR, depending on the product, an interrupt is generated immediately after a HALT
instruction, or the AWUPR remains unchanged.
01h
1
...
...
FEh
254
FFh
255
t
AWU
64
AWUPR
×
1
f
AWURC
--------------------------t
RCSTRT
+
×
=
Table 25.
AWU register map and reset values
Address
(Hex.)
Register
label
765
432
1
0
002Eh
AWUCSR
Reset value
000
00
AWUF
0
AWUM
0
AWUEN
0
002Fh
AWUPR
Reset value
AWUPR7
1
AWUPR6
1
AWUPR5
1
AWUPR4
1
AWUPR3
1
AWUPR2
1
AWUPR1
1
AWUPR0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com