Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K4 Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST72344K4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K4 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST72344K4 Datasheet HTML 104Page - STMicroelectronics ST72344K4 Datasheet HTML 105Page - STMicroelectronics ST72344K4 Datasheet HTML 106Page - STMicroelectronics ST72344K4 Datasheet HTML 107Page - STMicroelectronics ST72344K4 Datasheet HTML 108Page - STMicroelectronics ST72344K4 Datasheet HTML 109Page - STMicroelectronics ST72344K4 Datasheet HTML 110Page - STMicroelectronics ST72344K4 Datasheet HTML 111Page - STMicroelectronics ST72344K4 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 247 page
background image
On-chip peripherals
ST72344xx, ST2345xx
108/247
Doc ID 12321 Rev 6
11.3.6
Summary of timer modes
11.3.7
Register description
Each timer is associated with three control and status registers, and with six pairs of data
registers (16-bit values) related to the two input captures, the two output compares, the
counter and the alternate counter.
Control register 1 (CR1)
Read/Write
Reset value: 0000 0000 (00h)
Bit 7 = ICIE Input Capture Interrupt Enable.
0: Interrupt is inhibited.
1: A timer interrupt is generated whenever the ICF1 or ICF2 bit of the SR register is set.
Bit 6 = OCIE Output Compare Interrupt Enable.
0: Interrupt is inhibited.
1: A timer interrupt is generated whenever the OCF1 or OCF2 bit of the SR register is
set.
Bit 5 = TOIE Timer Overflow Interrupt Enable.
0: Interrupt is inhibited.
1: A timer interrupt is enabled whenever the TOF bit of the SR register is set.
Bit 4 = FOLV2 Forced Output Compare 2.
This bit is set and cleared by software.
0: No effect on the OCMP2 pin.
1: Forces the OLVL2 bit to be copied to the OCMP2 pin, if the OC2E bit is set and even
if there is no successful comparison.
Table 49.
Timer modes
Modes
Available resources
Input Capture 1
Input Capture 2
Output Compare 1 Output Compare 2
Input Capture (1 and/or 2)
Yes
Yes
Yes
Yes
Output Compare (1 and/or 2)
Yes
Yes
Yes
Yes
One-pulse mode
No
Not recommended (1)
No
Partially (2)
PWM mode
No
Not recommended (3)
No
No
1.
See note 4 in One-pulse mode.
2.
See note 5 in One-pulse mode.
3.
See note 4 in Pulse-width modulation mode.
7
0
ICIE
OCIE
TOIE
FOLV2
FOLV1
OLVL2
IEDG1
OLVL1
Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com