Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K4 Datasheet(PDF) 124 Page - STMicroelectronics

Part # ST72344K4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K4 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button ST72344K4 Datasheet HTML 120Page - STMicroelectronics ST72344K4 Datasheet HTML 121Page - STMicroelectronics ST72344K4 Datasheet HTML 122Page - STMicroelectronics ST72344K4 Datasheet HTML 123Page - STMicroelectronics ST72344K4 Datasheet HTML 124Page - STMicroelectronics ST72344K4 Datasheet HTML 125Page - STMicroelectronics ST72344K4 Datasheet HTML 126Page - STMicroelectronics ST72344K4 Datasheet HTML 127Page - STMicroelectronics ST72344K4 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 247 page
background image
On-chip peripherals
ST72344xx, ST2345xx
124/247
Doc ID 12321 Rev 6
Figure 62.
Single master / multiple slave configuration
11.4.6
Low-power modes
Using the SPI to wake up the device from Halt mode
In slave configuration, the SPI is able to wake up the device from Halt mode through a SPIF
interrupt. The data received is subsequently read from the SPIDR register when the
software is running (interrupt vector fetch). If multiple data transfers have been performed
before software clears the SPIF bit, then the OVR bit is set by hardware.
Note:
When waking up from Halt mode, if the SPI remains in Slave mode, it is recommended to
perform an extra communications cycle to bring the SPI from Halt mode state to normal
state. If the SPI exits from Slave mode, it returns to normal state immediately.
Caution:
The SPI can wake up the device from Halt mode only if the Slave Select signal (external SS
pin or the SSI bit in the SPICSR register) is low when the device enters Halt mode. So, if
Slave selection is configured as external (see Slave select management), make sure the
master drives a low level on the SS pin when the slave enters Halt mode.
MISO
MOSI
MOSI
MOSI
MOSI
MOSI
MISO
MISO
MISO
MISO
SS
SS
SS
SS
SS
SCK
SCK
SCK
SCK
SCK
5V
Slave
Device
Slave
Device
Slave
Device
Slave
Device
Master
Device
Table 52.
Description
Mode
Description
Wait
No effect on SPI.
SPI interrupt events cause the device to exit from Wait mode.
Halt
SPI registers are frozen.
In Halt mode, the SPI is inactive. SPI operation resumes when the device is woken up by
an interrupt with “exit from Halt mode” capability. The data received is subsequently read
from the SPIDR register when the software is running (interrupt vector fetching). If several
data are received before the wake-up event, then an overrun error is generated. This error
can be detected after the fetch of the interrupt routine that woke up the Device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com